Part Number Hot Search : 
DC24V TA124E BFS48 ACHIPS 08N60 A1507P SS4478 CJ110
Product Description
Full Text Search
 

To Download M81711FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTORS
M81711FP
GENERAL PURPOSE DRIVER
DESCRIPTION M81711FP is a dual inverter type general purpose driver by 24V rating voltage.
PIN CONFIGURATION (TOP VIEW)
FEATURES RATING VOLTAGE ....................................................... 24V OUTPUT CURRENT ..................................... +0.8A, -0.6A POWER-SUPPLY RANGE OF OPERATION ... 4.5V ~ 24V (RECOMMENDATION POWER SUPPLY RANGE : 4.5V ~ 17 V) HIGH-SPEED SWITCHING TIME (22ns typ, CL = 1000pF) DUAL INVERTER TTL/CMOS Combatibl (VIH = 2.8V or more, at VDD = 4.5V ~ 9V) (VIH = 4.4V or more, at VDD = 4.5V ~ 15V) SOP-8 PACKAGE APPLICATIONS PDP electrical discharge maintenance drive,motor drive, switching power supply, DC/DC converter and general purpose driver.
1. NC 2. IN A 3. GND 4. IN B
8. NC 7. OUT A 6. VDD 5. OUT B
NC:NO CONNECTION
Outline:8P2S
BLOCK DIAGRAM
VDD
IN
OUT
GND
SWITCHING TIME EXAMINATION CIRCUIT DIAGRAM
VDD = 9V/15V 4.7F M81711FP INPUT A OUTPUT A 1000pF OUTPUT B 1000pF 0V INVERTING OUTPUT 0.1F INPUT +5V +0.4V 10% tD1 +9V/+15V 90% tf 90%
tD2 90% tr INPUT RISE AND FALL TIMES = 5ns
INPUT B
10%
10%
Mar. 2006
MITSUBISHI SEMICONDUCTORS
M81711FP
GENERAL PURPOSE DRIVER
ABSOLUTE MAXIMUM RATINGS (Ta = 25C unless otherwise specified)
Symbol VDD VIN Pd Tj Tstg Parameter Supply Voltage Logic Input Voltage Package Power Dissipation Junction Temperature Storage Temperature Test conditions VDD Terminal IN A/B Terminal VDD, OUT A/B Terminal Min. 0 GND-0.3 -- -40 -40 Ratings Typ. -- -- 0.5 -- -- Max. 24 VDD+0.3 -- 125 125 Unit V V W C C
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VIN Topr Parameter Supply Voltage Logic Input Voltage Operation Temperature Test conditions VDD Terminal IN A/B Terminal Min. 4.5 GND -40 Limits Typ. -- -- -- Max. 17 VDD 100 Unit V V C
* For proper operation, the device should be used within the recommended conditions.
THERMAL DERATING FACTOR CHARACTERISTIC (MAXIMUM RATING)
0.6 Package Power Dissipation Pd (W) 0.5 0.4 0.3 0.2 0.1 0
0
25
50
75
100
125
150
Temperature Ta (C)
Mar. 2006
MITSUBISHI SEMICONDUCTORS
M81711FP
GENERAL PURPOSE DRIVER
ELECTRICAL CHARACTERISTICS (AC characteristic ; VIN = 0V, 5V)
Symbol tr tf tD1 tD2 Parameter Turn-On Rise Time Turn-Off Fall Time Delay Time1 Delay Time2 Test conditions VDD = 15V, CL = 1000pF VDD = 9V, CL = 1000pF VDD = 15V, CL = 1000pF VDD = 9V, CL = 1000pF VDD = 15V, CL = 1000pF VDD = 9V, CL = 1000pF VDD = 15V, CL = 1000pF VDD = 9V, CL = 1000pF Min. -- -- -- -- -- -- -- -- Limits Typ.* 35 40 25 30 22 25 22 25 Max. 70 80 50 60 45 50 45 50 Unit ns ns ns ns ns ns ns ns
* Typ. is not specified.
ELECTRICAL CHARACTERISTICS (DC characteristic ; VDD = 4.5V ~ 17V)
Symbol VIH VIL IIN VOH VOL Parameter High Level Input Threshold Voltage Low Level Input Threshold Voltage Input Bias Current High Level Output Voltage Low Level Output Voltage VDD = 15V VDD = 9V VDD = 15V VDD = 9V VIN = 0V or VDD IO = 0A IO = 0A VDD = 15V Isupp VDD Supply Current VDD = 9V IOH IOL Output High Level Short Circuit Pulsed Current Output Low Level Short Circuit Pulsed Current VIN = 5V(both inputs) VIN = 0V(both inputs) VIN = 3V(both inputs) VIN = 0V(both inputs) Test conditions Min. 4.4 2.8 -- -- -1 VDD-0.1 -- -- -- -- -- 0.80 0.38 0.60 0.34 -- -- -- -- Limits Typ.* -- -- -- -- -- -- -- 4.0 -- 1.0 -- 1.00 0.45 0.80 0.40 7 6 9 7 Max. -- -- 1.8 1.0 1 -- 0.1 8.0 0.5 4.5 0.2 -- -- -- -- 12 11 14 12 Unit V V V V A V V mA mA mA mA A A A A
VDD = 15V, PW 10s, VOUT = 0V VDD = 9V, PW 10s, VOUT = 0V VDD = 15V, PW 10s, VOUT = 15V VDD = 9V, PW 10s, VOUT = 9V Iload = 10mA, VOUT = "H" VDD = 15V Iload = 10mA, VOUT = "L" VDD = 9V Iload = 10mA, VOUT = "H" Iload = 10mA, VOUT = "L"
ROUT
Output On Resistance
* Typ. is not specified. PW : Input Pulse Wide Iload : Supply input-and-output current to the OUT A/B terminal
Mar. 2006
MITSUBISHI SEMICONDUCTORS
M81711FP
GENERAL PURPOSE DRIVER
PERFORMANCE CURVES
tr - Topr 100
VDD = 9V VIN = 5V C = 1000pF
tr - VDD 100
Topr = 25C VIN = 5V C = 1000pF
Turn-On Rise Time tr (ns)
Turn-On Rise Time tr (ns)
80
80
60
60
40
40
20
20
0 -50 -25
0
25
50
75 100 125 150
0
0
5
10
15
20
25
Operation Temperature Topr (C)
Supply Voltage VDD (V)
tf - Topr 100
VDD = 9V VIN = 5V C = 1000pF
tf - VDD 100
Topr = 25C VIN = 5V C = 1000pF
Turn-Off Fall Time tf (ns)
Turn-Off Fall Time tf (ns)
25 50 75 100 125 150
80
80
60
60
40
40
20
20
0 -50 -25
0
0
0
5
10
15
20
25
Operation Temperature Topr (C)
Supply Voltage VDD (V)
tD1 - Topr 100
VDD = 9V VIN = 5V C = 1000pF
tD1 - VDD 100
Topr = 25C VIN = 5V C = 1000pF
80
80
Delay Time tD1 (ns)
Delay Time tD1 (ns)
0 25 50 75 100 125 150
60
60
40
40
20
20
0 -50 -25
0
0
5
10
15
20
25
Operation Temperature Topr (C)
Supply Voltage VDD (V)
Mar. 2006
MITSUBISHI SEMICONDUCTORS
M81711FP
GENERAL PURPOSE DRIVER
tD2 - Topr 100
VDD = 9V VIN = 5V C = 1000pF
tD2 - VDD 100
Topr = 25C VIN = 5V C = 1000pF
80
80
Delay Time tD2 (ns)
60
Delay Time tD2 (ns)
0 25 50 75 100 125 150
60
40
40
20
20
0 -50 -25
0
0
5
10
15
20
25
Operation Temperature Topr (C)
Supply Voltage VDD (V)
IO(+) - Topr 1.0 1.0
IO(-) - Topr
Output High Level Short Circuit Pulsed Current IOH (A)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50
Output Low Level Short Circuit Pulsed Current IOL (A)
VDD = 9V
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50
VDD = 9V
75 100 125 150
75 100 125 150
Operation Temperature Topr (C)
Operation Temperature Topr (C)
VIH - Topr
VIL - Topr
High Level Input Threshold Voltage VIH (V)
3.0 2.5 2.0 1.5 1.0 0.5
VDD = 9V
Low Level Input Threshold Voltage VIL (V)
3.0 2.5 2.0 1.5 1.0 0.5
VDD = 9V
0.0 -50 -25
0
25
50
75 100 125 150
0.0 -50 -25
0
25
50
75 100 125 150
Operation Temperature Topr (C)
Operation Temperature Topr (C)
Mar. 2006
MITSUBISHI SEMICONDUCTORS
M81711FP
GENERAL PURPOSE DRIVER
PACKAGE OUTLINE
8P2S-A
EIAJ Package Code SOP8-P-225-1.27
MMP
JEDEC Code - Weight(g) 0.07 Lead Material Cu Alloy
Plastic 8pin 225mil SOP
e b2
8
5
HE
E
e1
Recommended Mount Pad
1 4
F A
Symbol A A1 A2 b c D E e HE L L1 z Z1 x y b2 e1 I2
G
D
b e y
x
M
A2
A1
c
z Z1 Detail G
Detail F
Dimension in Millimeters Min Nom Max - - 1.9 0.05 - - - 1.5 - 0.35 0.4 0.5 0.13 0.15 0.2 4.8 5.0 5.2 4.2 4.4 4.6 - 1.27 - 5.9 6.2 6.5 0.2 0.4 0.6 - 0.9 - - 0.595 - - - 0.745 - - 0.25 - - 0.1 0 - 10 - 0.76 - - 5.72 - 1.27 - -
L1
L
I2
Mar. 2006


▲Up To Search▲   

 
Price & Availability of M81711FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X